Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 472 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 472 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 468Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 469Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 470Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 471Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 472Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 473Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 474Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 475Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 476Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
472
Freescale Semiconductor
or
•
CPU is in wait mode and the CSWAI bit is set
When entering the power down mode, the MSCAN immediately stops all ongoing transmissions and
receptions, potentially causing CAN protocol violations. To protect the CAN bus system from fatal
consequences of violations to the above rule, the MSCAN immediately drives the TXCAN pin into a
recessive state.
NOTE
The user is responsible for ensuring that the MSCAN is not active when
power down mode is entered. The recommended procedure is to bring the
MSCAN into Sleep mode before the STOP or WAI instruction (if CSWAI
is set) is executed. Otherwise, the abort of an ongoing message can cause an
error condition and impact other CAN bus devices.
In power down mode, all clocks are stopped and no registers can be accessed. If the MSCAN was not in
sleep mode before power down mode became active, the module performs an internal recovery cycle after
powering up. This causes some fixed delay before the module enters normal mode again.
10.4.5.7
Programmable Wake-Up Function
The MSCAN can be programmed to wake up the MSCAN as soon as CAN bus activity is detected (see
control bit WUPE in Section 10.3.2.1, “MSCAN Control Register 0 (CANCTL0)”). The sensitivity to
existing CAN bus action can be modified by applying a low-pass filter function to the RXCAN input line
while in sleep mode (see control bit WUPM in Section 10.3.2.2, “MSCAN Control Register 1
(CANCTL1)”).
This feature can be used to protect the MSCAN from wake-up due to short glitches on the CAN bus lines.
Such glitches can result from—for example—electromagnetic interference within noisy environments.
10.4.6
Reset Initialization
The reset state of each individual bit is listed in Section 10.3.2, “Register Descriptions,” which details all
the registers and their bit-fields.
10.4.7
Interrupts
This section describes all interrupts originated by the MSCAN. It documents the enable bits and generated
flags. Each interrupt is listed and described separately.
10.4.7.1
Description of Interrupt Operation
The MSCAN supports four interrupt vectors (see Table 10-37), any of which can be individually masked
(for details see sections from Section 10.3.2.6, “MSCAN Receiver Interrupt Enable Register
(CANRIER),” to Section 10.3.2.8, “MSCAN Transmitter Interrupt Enable Register (CANTIER)”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com