Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 470 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 470 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 466Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 467Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 468Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 469Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 470Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 471Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 472Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 473Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 474Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
470
Freescale Semiconductor
or
•
the CPU clears the SLPRQ bit
NOTE
The CPU cannot clear the SLPRQ bit before sleep mode (SLPRQ = 1 and
SLPAK = 1) is active.
After wake-up, the MSCAN waits for 11 consecutive recessive bits to synchronize to the CAN bus. As a
consequence, if the MSCAN is woken-up by a CAN frame, this frame is not received.
The receive message buffers (RxFG and RxBG) contain messages if they were received before sleep mode
was entered. All pending actions will be executed upon wake-up; copying of RxBG into RxFG, message
aborts and message transmissions. If the MSCAN remains in bus-off state after sleep mode was exited, it
continues counting the 128 occurrences of 11 consecutive recessive bits.
Figure 10-46. Simplified State Transitions for Entering/Leaving Sleep Mode
10.4.5.5
MSCAN Initialization Mode
In initialization mode, any on-going transmission or reception is immediately aborted and synchronization
to the CAN bus is lost, potentially causing CAN protocol violations. To protect the CAN bus system from
fatal consequences of violations, the MSCAN immediately drives the TXCAN pin into a recessive state.
Wait
Idle
Tx/Rx
Message
Active
CAN Activity
CAN Activity &
Sleep
SLPRQ
StartUp
for Idle
(CAN Activity & WUPE) |
(CAN Activity & WUPE) | SLPRQ
CAN Activity
CAN Activity
CAN Activity &
CAN Activity
SLPRQ
SLPRQ
CAN Activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com