Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1090 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1090 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1086Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1087Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1088Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1089Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1090Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1091Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1092Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1093Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1094Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1090 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1090
Freescale Semiconductor
CAUTION
An EEPROM word (2 bytes) must be in the erased state before being
programmed. Cumulative programming of bits within a word is not allowed.
0x41
Mass
Erase
Erase all memory bytes in the EEPROM block. A mass erase of the full EEPROM block is only
possible when EPOPEN and EPDIS bits in the EPROT register are set prior to launching the
command.
0x47
Sector Erase
Abort
Abort the sector erase operation. The sector erase operation will terminate according to a set
procedure. The EEPROM sector should not be considered erased if the ACCERR flag is set
upon command completion.
0x60
Sector
Modify
Erase all four memory bytes in a sector of the EEPROM block and reprogram the addressed
word.
Table 26-10. EEPROM Command Description
ECMDB
Command
Function on EEPROM Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com