Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1093 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1093 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1089Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1090Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1091Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1092Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1093Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1094Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1095Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1096Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1097Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1093 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1093
26.4.2.2
Program Command
The program operation will program a previously erased word in the EEPROM memory using an
embedded algorithm.
An example flow to execute the program operation is shown in Figure 26-19. The program command write
sequence is as follows:
1. Write to an EEPROM block address to start the command write sequence for the program
command. The data written will be programmed to the address written.
2. Write the program command, 0x20, to the ECMD register.
3. Clear the CBEIF flag in the ESTAT register by writing a 1 to CBEIF to launch the program
command.
If a word to be programmed is in a protected area of the EEPROM memory, the PVIOL flag in the ESTAT
register will set and the program command will not launch. Once the program command has successfully
launched, the CCIF flag in the ESTAT register will set after the program operation has completed unless a
new command write sequence has been buffered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com