Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1094 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1094 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1090Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1091Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1092Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1093Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1094Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1095Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1096Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1097Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1098Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1094 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1094
Freescale Semiconductor
Figure 26-19. Example Program Command Flow
Write: EEPROM Address
Write: ECMD register
Program Command 0x20
Write: ESTAT register
Clear CBEIF 0x80
1.
2.
3.
Clear ACCERR/PVIOL 0x30
Write: ESTAT register
yes
no
Access Error and
Protection Violation
no
and program Data
Bit Polling for
Buffer Empty
Check
Read: ESTAT register
yes
NOTE: command write sequence
aborted by writing 0x00 to
ESTAT register.
NOTE: command write sequence
aborted by writing 0x00 to
ESTAT register.
Read: ESTAT register
no
START
yes
Check
CBEIF
Set?
Address, Data,
Command
Buffer Empty Check
CBEIF
Set?
ACCERR/
PVIOL
Set?
EXIT
Write: ECLKDIV register
Read: ECLKDIV register
yes
no
Clock Register
Written
Check
EDIVLD
Set?
NOTE: ECLKDIV needs to
be set once after each reset.
no
yes
Sequential
Programming
Decision
Next
Word?
no
Bit Polling for
Command Completion
Check
Read: ESTAT register
yes
CCIF
Set?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com