Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1181 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1181 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1177Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1178Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1179Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1180Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1181Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1182Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1183Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1184Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1181 / 1350 page
background image
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1181
28.4.2.5
Mass Erase Command
The mass erase operation will erase all addresses in a Flash block using an embedded algorithm.
An example flow to execute the mass erase operation is shown in Figure 28-30. The mass erase command
write sequence is as follows:
1. Write to a Flash block address to start the command write sequence for the mass erase command.
The address and data written will be ignored. Multiple Flash blocks can be simultaneously mass
erased by writing to the same relative address in each Flash block.
2. Write the mass erase command, 0x41, to the FCMD register.
3. Clear the CBEIF flag in the FSTAT register by writing a 1 to CBEIF to launch the mass erase
command.
If a Flash block to be erased contains any protected area, the PVIOL flag in the FSTAT register will set and
the mass erase command will not launch. Once the mass erase command has successfully launched, the
CCIF flag in the FSTAT register will set after the mass erase operation has completed unless a new
command write sequence has been buffered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com