Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1183 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1183 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1179Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1180Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1181Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1182Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1183Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1184Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1185Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1186Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1183 / 1350 page
background image
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1183
28.4.2.6
Sector Erase Abort Command
The sector erase abort operation will terminate the active sector erase operation so that other sectors in a
Flash block are available for read and program operations without waiting for the sector erase operation to
complete.
An example flow to execute the sector erase abort operation is shown in Figure 28-31. The sector erase
abort command write sequence is as follows:
1. Write to any Flash block address to start the command write sequence for the sector erase abort
command. The address and data written are ignored.
2. Write the sector erase abort command, 0x47, to the FCMD register.
3. Clear the CBEIF flag in the FSTAT register by writing a 1 to CBEIF to launch the sector erase abort
command.
If the sector erase abort command is launched resulting in the early termination of an active sector erase
operation, the ACCERR flag will set once the operation completes as indicated by the CCIF flag being set.
The ACCERR flag sets to inform the user that the Flash sector may not be fully erased and a new sector
erase command must be launched before programming any location in that specific sector. If the sector
erase abort command is launched but the active sector erase operation completes normally, the ACCERR
flag will not set upon completion of the operation as indicated by the CCIF flag being set. Therefore, if the
ACCERR flag is not set after the sector erase abort command has completed, a Flash sector being erased
when the abort command was launched will be fully erased. The maximum number of cycles required to
abort a sector erase operation is equal to four FCLK periods (see Section 28.4.1.1, “Writing the FCLKDIV
Register”) plus five bus cycles as measured from the time the CBEIF flag is cleared until the CCIF flag is
set. If sectors in multiple Flash blocks are being simultaneously erased, the sector erase abort operation
will be applied to all active Flash blocks without writing to each Flash block in the sector erase abort
command write sequence.
NOTE
Since the ACCERR bit in the FSTAT register may be set at the completion
of the sector erase abort operation, a command write sequence is not
allowed to be buffered behind a sector erase abort command write sequence.
The CBEIF flag will not set after launching the sector erase abort command
to indicate that a command should not be buffered behind it. If an attempt is
made to start a new command write sequence with a sector erase abort
operation active, the ACCERR flag in the FSTAT register will be set. A new
command write sequence may be started after clearing the ACCERR flag, if
set.
NOTE
The sector erase abort command should be used sparingly since a sector
erase operation that is aborted counts as a complete program/erase cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com