Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 182 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 182 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 178Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 179Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 180Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 181Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 182Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 183Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 184Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 185Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 1350 page
background image
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
182
Freescale Semiconductor
5.4.2.2
General Purpose Digital Input Port Operation
The input channel pins can be multiplexed between analog and digital data. As analog inputs, they are
multiplexed and sampled to supply signals to the A/D converter. As digital inputs, they supply external
input data that can be accessed through the digital port register PORTAD (input-only).
The analog/digital multiplex operation is performed in the input pads. The input pad is always connected
to the analog inputs of the ATD. The input pad signal is buffered to the digital port registers. This buffer
can be turned on or off with the ATDDIEN register. This is important so that the buffer does not draw
excess current when analog potentials are presented at its input.
5.4.2.3
Low Power Modes
The ATD can be configured for lower MCU power consumption in 3 different ways:
1. Stop mode: This halts A/D conversion. Exit from stop mode will resume A/D conversion, but due
to the recovery time the result of this conversion should be ignored.
2. Wait mode with AWAI = 1: This halts A/D conversion. Exit from wait mode will resume A/D
conversion, but due to the recovery time the result of this conversion should be ignored.
3. Writing ADPU = 0 (Note that all ATD registers remain accessible.): This aborts any A/D
conversion in progress.
Note that the reset value for the ADPU bit is zero. Therefore, when this module is reset, it is reset into the
power down state.
5.5
Resets
At reset the ATD is in a power down state. The reset state of each individual bit is listed within the Register
Description section (see Section 5.3, “Memory Map and Register Definition”), which details the registers
and their bit-field.
5.6
Interrupts
The interrupt requested by the ATD is listed in Table 5-24. Refer to the device overview chapter for related
vector address and priority.
See register descriptions for further details.
Table 5-24. ATD Interrupt Vectors
Interrupt Source
CCR
Mask
Local Enable
Sequence complete
interrupt
I bit
ASCIE in ATDCTL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com