Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 184 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 180Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 181Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 182Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 183Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 184Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 185Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 186Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 187Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
184
Freescale Semiconductor
Special XGATE channel that is not associated with any peripheral service request. A Software
Channel is triggered by its Software Trigger Bit which is implemented in the XGATE module.
XGATE Semaphore
A set of hardware flip-flops that can be exclusively set by either the S12X_CPU or the XGATE.
(see 6.4.4/6-204)
XGATE Thread
A code sequence which is executed by the XGATE’s RISC core after receiving an XGATE request.
XGATE Debug Mode
A special mode in which the XGATE’s RISC core is halted for debug purposes. This mode enables
the XGATE’s debug features (see 6.6/6-206).
XGATE Software Error
The XGATE is able to detect a number of error conditions caused by erratic software (see
6.4.5/6-205). These error conditions will cause the XGATE to seize program execution and flag an
Interrupt to the S12X_CPU.
Word
A 16 bit entity.
Byte
An 8 bit entity.
6.1.2
Features
The XGATE module includes these features:
•
Data movement between various targets (i.e Flash, RAM, and peripheral modules)
•
Data manipulation through built in RISC core
•
Provides up to 112 XGATE channels
— 104 hardware triggered channels
— 8 software triggered channels
•
Hardware semaphores which are shared between the S12X_CPU and the XGATE module
•
Able to trigger S12X_CPU interrupts upon completion of an XGATE transfer
•
Software error detection to catch erratic application code
6.1.3
Modes of Operation
There are four run modes on S12X devices.
•
Run mode, wait mode, stop mode
The XGATE is able to operate in all of these three system modes. Clock activity will be
automatically stopped when the XGATE module is idle.
•
Freeze mode (BDM active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com