Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 179Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 180Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 181Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 182Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 183Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 184Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 185Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 186Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
183
Chapter 6
XGATE (S12XGATEV2)
6.1
Introduction
The XGATE module is a peripheral co-processor that allows autonomous data transfers between the
MCU’s peripherals and the internal memories. It has a built in RISC core that is able to pre-process the
transferred data and perform complex communication protocols.
The XGATE module is intended to increase the MCU’s data throughput by lowering the S12X_CPU’s
interrupt load.
Figure 6-1 gives an overview on the XGATE architecture.
This document describes the functionality of the XGATE module, including:
•
XGATE registers (Section 6.3, “Memory Map and Register Definition”)
•
XGATE RISC core (Section 6.4.1, “XGATE RISC Core”)
•
Hardware semaphores (Section 6.4.4, “Semaphores”)
•
Interrupt handling (Section 6.5, “Interrupts”)
•
Debug features (Section 6.6, “Debug Mode”)
•
Security (Section 6.7, “Security”)
•
Instruction set (Section 6.8, “Instruction Set”)
6.1.1
Glossary of Terms
XGATE Request
A service request from a peripheral module which is directed to the XGATE by the S12X_INT
module (see Figure 6-1).
XGATE Channel
The resources in the XGATE module (i.e. Channel ID number, Priority level, Service Request
Vector, Interrupt Flag) which are associated with a particular XGATE Request.
XGATE Channel ID
A 7-bit identifier associated with an XGATE channel. In S12X designs valid Channel IDs range
from $78 to $09.
XGATE Channel Interrupt
An S12X_CPU interrupt that is triggered by a code sequence running on the XGATE module.
XGATE Software Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com