Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 84 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 80Page - STMicroelectronics STM32L4R5VG Datasheet HTML 81Page - STMicroelectronics STM32L4R5VG Datasheet HTML 82Page - STMicroelectronics STM32L4R5VG Datasheet HTML 83Page - STMicroelectronics STM32L4R5VG Datasheet HTML 84Page - STMicroelectronics STM32L4R5VG Datasheet HTML 85Page - STMicroelectronics STM32L4R5VG Datasheet HTML 86Page - STMicroelectronics STM32L4R5VG Datasheet HTML 87Page - STMicroelectronics STM32L4R5VG Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 306 page
background image
29
J4
J4
40
40
K9
L3
L3
27
37
K4
K9
K9
N2
PA4
I/O
TT_a
-
OCTOSPIM_P1_NCS,
SPI1_NSS,
SPI3_NSS,
USART2_CK,
DCMI_HSYNC,
SAI1_FS_B,
LPTIM2_OUT,
EVENTOUT
ADC1_IN9,
DAC1_OUT1
30
K4
K4
41
41
G8
K4
K4
28
38
L4
G8
G8
L3
PA5
I/O
TT_a
-
TIM2_CH1,
TIM2_ETR,
TIM8_CH1N,
SPI1_SCK,
LPTIM2_ETR,
EVENTOUT
ADC1_IN10,
DAC1_OUT2
31
L4
L4
42
42
J8
M4
M4
29
39
J4
J8
J8
L4
PA6
I/O
FT_a
-
TIM1_BKIN,
TIM3_CH1,
TIM8_BKIN,
DCMI_PIXCLK,
SPI1_MISO,
USART3_CTS_NSS,
LPUART1_CTS,
OCTOSPIM_P1_IO3,
TIM16_CH1,
EVENTOUT
OPAMP2_VINP,
ADC1_IN11
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More