Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 100 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 96Page - STMicroelectronics STM32L4R5VG Datasheet HTML 97Page - STMicroelectronics STM32L4R5VG Datasheet HTML 98Page - STMicroelectronics STM32L4R5VG Datasheet HTML 99Page - STMicroelectronics STM32L4R5VG Datasheet HTML 100Page - STMicroelectronics STM32L4R5VG Datasheet HTML 101Page - STMicroelectronics STM32L4R5VG Datasheet HTML 102Page - STMicroelectronics STM32L4R5VG Datasheet HTML 103Page - STMicroelectronics STM32L4R5VG Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 306 page
background image
65
E10 E10
98
98
D1
G10 G10
67
100 E10
D1
D1
F9
PC8
I/O
FT
-
TIM3_CH3,
TIM8_CH3,
TSC_G4_IO3,
DCMI_D2,
SDMMC1_D0,
EVENTOUT
-
66
D12 D12
99
99
D2
G9
G9
68
101 C12
D2
D2
G13
PC9
I/O
FT_fl
-
TRACED0,
TIM8_BKIN2,
TIM3_CH4,
TIM8_CH4, DCMI_D3,
I2C3_SDA,
TSC_G4_IO4,
OTG_FS_NOE,
SDMMC1_D1,
SAI2_EXTCLK,
EVENTOUT
-
67
D11 D11 100 100
D3
G8
G8
69
102 D11
D3
D3
E11
PA8
I/O
FT_f
-
MCO, TIM1_CH1,
SAI1_CK2,
USART1_CK,
OTG_FS_SOF,
SAI1_SCK_A,
LPTIM2_OUT,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More