Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 90 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 86Page - STMicroelectronics STM32L4R5VG Datasheet HTML 87Page - STMicroelectronics STM32L4R5VG Datasheet HTML 88Page - STMicroelectronics STM32L4R5VG Datasheet HTML 89Page - STMicroelectronics STM32L4R5VG Datasheet HTML 90Page - STMicroelectronics STM32L4R5VG Datasheet HTML 91Page - STMicroelectronics STM32L4R5VG Datasheet HTML 92Page - STMicroelectronics STM32L4R5VG Datasheet HTML 93Page - STMicroelectronics STM32L4R5VG Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 306 page
background image
45
M11 M11
67
67
H5
K8
K8
42
63
M10
H5
H5
K7
PE14
I/O
FT
-
TIM1_CH4,
TIM1_BKIN2,
SPI1_MISO,
OCTOSPIM_P1_IO2,
LCD_G7, FMC_D11,
EVENTOUT
-
46
M12 M12
68
68
K4
J8
J8
43
64
K8
K4
K4
J7
PE15
I/O
FT
-
TIM1_BKIN,
SPI1_MOSI,
OCTOSPIM_P1_IO3,
LCD_R2, FMC_D12,
EVENTOUT
-
47
L10 L10
69
69
L4
N9
N9
44
65
L9
L4
L4
N9
PB10
I/O
FT_fl
-
TIM2_CH3, I2C4_SCL,
I2C2_SCL, SPI2_SCK,
DFSDM1_DATIN7,
USART3_TX,
LPUART1_RX,
TSC_SYNC,
OCTOSPIM_P1_CLK,
COMP1_OUT,
SAI1_SCK_A,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More