Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 92 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 88Page - STMicroelectronics STM32L4R5VG Datasheet HTML 89Page - STMicroelectronics STM32L4R5VG Datasheet HTML 90Page - STMicroelectronics STM32L4R5VG Datasheet HTML 91Page - STMicroelectronics STM32L4R5VG Datasheet HTML 92Page - STMicroelectronics STM32L4R5VG Datasheet HTML 93Page - STMicroelectronics STM32L4R5VG Datasheet HTML 94Page - STMicroelectronics STM32L4R5VG Datasheet HTML 95Page - STMicroelectronics STM32L4R5VG Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 306 page
background image
-
-----
NC M10
---
--
M10
PH11
I/O
FT
-
TIM5_CH2,
OCTOSPIM_P2_IO6,
DCMI_D2,
EVENTOUT
-
-
-----
C2
C2
---
--
C2
VSS
S
-
-
-
-
-
L11
-
70
-
-
M10
----
M3
--
VDD12
S
-
-
-
-
49
F12 F12
71
71
M3
A7
A7
46
67
M12 M4
M3
A7
VSS
S
-
-
-
-
50
G12 G12
72
72
M1
N11 N11
47
68
L11
M1
M1
N11
VDD
S
-
-
-
-
51
L12 L12
73
73
J4
N12 N12
48
69
L10
J4
J4
N12
PB12
I/O
FT
-
TIM1_BKIN,
I2C2_SMBA,
SPI2_NSS,
DFSDM1_DATIN1,
USART3_CK,
LPUART1_RTS_DE,
TSC_G1_IO1,
SAI2_FS_A,
TIM15_BKIN,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More