Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 88 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 84Page - STMicroelectronics STM32L4R5VG Datasheet HTML 85Page - STMicroelectronics STM32L4R5VG Datasheet HTML 86Page - STMicroelectronics STM32L4R5VG Datasheet HTML 87Page - STMicroelectronics STM32L4R5VG Datasheet HTML 88Page - STMicroelectronics STM32L4R5VG Datasheet HTML 89Page - STMicroelectronics STM32L4R5VG Datasheet HTML 90Page - STMicroelectronics STM32L4R5VG Datasheet HTML 91Page - STMicroelectronics STM32L4R5VG Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 306 page
background image
38
M7
M7
58
58
M6
L7
L7
35
54
G6
M6
M6
L7
PE7
I/O
FT
-
TIM1_ETR,
DFSDM1_DATIN2,
LCD_B6, FMC_D4,
SAI1_SD_B,
EVENTOUT
-
39
L7
L7
59
59
H6
K7
K7
36
55
K7
H6
H6
K6
PE8
I/O
FT
-
TIM1_CH1N,
DFSDM1_CKIN2,
LCD_B7, FMC_D5,
SAI1_SCK_B,
EVENTOUT
-
40
M8
M8
60
60
G6
J7
J7
37
56
J7
G6
G6
J6
PE9
I/O
FT
-
TIM1_CH1,
DFSDM1_CKOUT,
LCD_G2, FMC_D6,
SAI1_FS_B,
EVENTOUT
-
-
F6
F6
61
61
-
M7
M7
-
57
C1
-
-
M7
VSS
S
-
-
-
-
-
G6
G6
62
62
----
58
-
---
VDD
S
-
-
-
-
41
L8
L8
63
63
K5
H7
H7
38
59
L8
K5
K5
H6
PE10
I/O
FT
-
TIM1_CH2N,
DFSDM1_DATIN4,
TSC_G5_IO1,
OCTOSPIM_P1_CLK,
LCD_G3, FMC_D7,
SAI1_MCLK_B,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More