| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L4R5VG Datasheet(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4R5VG Datasheet(HTML) 96 Page - STMicroelectronics |
|
96 / 306 page ![]() 55 K9 K9 77 77 H2 L11 L11 60 81 H10 H2 H2 K10 PD8 I/O FT - USART3_TX, DCMI_HSYNC, LCD_R3, FMC_D13, EVENTOUT - 56 K8 K8 78 78 H1 L10 L10 61 82 H9 H1 H1 K9 PD9 I/O FT - USART3_RX, DCMI_PIXCLK, LCD_R4, FMC_D14, SAI2_MCLK_A, EVENTOUT - 57 J12 J12 79 79 G5 J13 J13 62 83 H8 G5 G5 J10 PD10 I/O FT - USART3_CK, TSC_G6_IO1, LCD_R5, FMC_D15, SAI2_SCK_A, EVENTOUT - - ----- H13 H13 --- --- VDD S - - - - 58 J11 J11 80 80 G4 K12 K12 - 84 G11 G4 G4 J9 PD11 I/O FT - I2C4_SMBA, USART3_CTS_NSS, TSC_G6_IO2, LCD_R6, FMC_A16, SAI2_SD_A, LPTIM2_ETR, EVENTOUT - Table 15. STM32L4Rxxx pin definitions (continued) Pin number STM32L4R5xxx, STM32L4R7xxx STM32L4R9xxx |