Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA5MMG Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STM32WBA5MMG
Descripción Electrónicos  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32WBA5MMG Datasheet HTML 2Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 3Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 4Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 5Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 6Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 7Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 8Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 9Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
3.3
Antenna
The rectangular module has one shorter side clearly different from the remaining finish surface. This side is
unshielded and the mold cover contains the integrated antenna.
To use the internal antenna, pin 51 (ANT_INT) and pin 50 (ANT_EXT) must be connected as in Figure 2.
If an external antenna is used, ANT_IN must be shorted to ground, and ANT_OUT connected to the external
antenna matching network and to the antenna itself, as in Section 3.3: Antenna.
Figure 2. Shorted pins to use internal antenna
Pin 50, ANT_OUT
Pin 51, ANT_IN
3.4
OTP
The STM32WBA5MMG features a 1-Kbyte one-time programmable (OTP) memory for use by the end product
(see details in DS14127 and RM0493).
Note:
The device uses the first and last words of this area for trimming and identification purposes. As a consequence,
addresses 0xBF90000h to 0xBF9000Fh and 0xBF090190h to 0xBF901FFh cannot be changed.
STM32WBA5MMG
Module overview
DS14801 - Rev 3
page 6/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25