Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA5MMG Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STM32WBA5MMG
Descripción Electrónicos  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32WBA5MMG Datasheet HTML 3Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 4Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 5Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 6Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 7Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 8Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 9Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 10Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
4
Available peripherals
All peripherals available in STM32WBA5 series microcontrollers based on the UFBGA59 package are available
and accessible on this module.
The pins on the module offer access to the following system peripherals:
•
12-bit ADC 2.5 Msps with hardware oversampling
•
Three UARTs (ISO 7816, IrDA, modem)
•
Two SPIs
•
Two I2C Fm+ (1 Mbit/s), SMBus/PMBus®
•
Touch sensing controller, up to 20 sensors, supporting touch key, linear and rotary touch sensors
•
One 16-bit, advanced motor control timer
•
Three 16-bit timers
•
One 32-bit timer
•
Two low-power 16-bit timers (available in Stop mode)
•
Two Systick timers
•
Two watchdogs
•
8-channel DMA controller, functional in Stop mode
STM32WBA5MMG
Available peripherals
DS14801 - Rev 3
page 7/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25