Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA5MMG Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza STM32WBA5MMG
Descripción Electrónicos  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32WBA5MMG Datasheet HTML 4Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 5Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 6Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 7Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 8Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 9Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 10Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 11Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
5
Pin descriptions
Figure 3. STM32WBA5MMG module pinout
Package bottom view
33
PB5
32
PB3
31
PB7
30
PB6
29
PB8
28
PC13
27
PA5
26
PB9
25
PA2
72
GND
71
GND
70
GND
69
GND
68
GND
67
GND
66
GND
65
GND
64
GND
63
GND
74
GND
75
GND
73
GND
76
GND
22
VDD
21
GND
20
VDDA
19
GND
18
PA0
17
PA3
16
PA4
15
PA6
14
PA7
13
PA8
12
PB11
11
PB12
10
PB13
9
PB14
8
PA9
7
PA10
6
GND
5
GND
4
GND
3
GND
2
GND
1
GND
36
GND
37
PA14
38
PA13
39
PA12
40
PA11
41
PB2
42
PB1
43
PB0
44
PB15
45
GND
46
BOOT
0
47
GND
48
NRST
49
GND
50
ANT_
OUT
51
ANT_
IN
52
GND
53
GND
54
GND
55
GND
56
GND
57
GND
62
GND
61
GND
60
GND
59
GND
58
GND
23
GND
35
PB4
34
PA15
24
PA1
STM32WBA5MMG
Pin descriptions
DS14801 - Rev 3
page 8/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25