Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA5MMG Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STM32WBA5MMG
Descripción Electrónicos  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32WBA5MMG Datasheet HTML 5Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 6Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 7Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 8Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 9Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 10Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 11Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 12Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Table 1. STM32WBA5MMG pin/ball definition
Pin name
Pin type
STM32WBA5MMG
STM32WBA55UGI
Function after reset
1
-
GND
S
2
-
GND
S
3
-
GND
S
4
-
GND
S
5
-
GND
S
6
-
GND
S
7
A3
PA10
I/O
8
B3
PA9
I/O
9
A2
PB14
I/O
10
B2
PB13
I/O
11
C2
PB12
I/O
12
D2
PB11
I/O
13
D1
PA8
I/O
14
E2
PA7
I/O
15
E1
PA6
I/O
16
G1
PA4
I/O
17
G2
PA3
I/O
18
H1
PA0
I/O
19
-
GND
S
20
F1
VDDA
S
21
-
GND
S
22
E4
VDD
S
23
-
GND
S
24
H2
PA1
I/O
25
G3
PA2
I/O
26
H3
PB9
I/O
27
F3
PA5
I/O
28
G5
PC13
I/O
29
H5
PB8
I/O
30
G6
PB6
I/O
31
H6
PB7
I/O
32
G7
PB3
I/O
33
H7
PB5
I/O
34
G8
PA15
I/O
35
H8
PB4
I/O
36
-
GND
S
37
F6
PA14
I/O
38
F8
PA13
I/O
39
F7
PA12
I/O
STM32WBA5MMG
Pin descriptions
DS14801 - Rev 3
page 9/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25