| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA5MMG Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA5MMG Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 25 page ![]() 9 Certification The STM32WBA5MMG module, with its internal antenna, has passed the following certifications: • Bluetooth® LE (RF_PHY) • CE (RED) • FCC • ISED • Japan (MIC) • REACH • RoHS Further certifications are underway: • Taiwan (NCC) • China (SRRC) • Korea (KC) • Brazil (ANATEL) All certification reports are available on the STM32WBA5MMG page on www.st.com 9.1 Bluetooth® LE (RF_PHY) certification The module has obtained Bluetooth® LE RF_PHY certification. The details are published on the website Bluetooth.com. 9.2 CE certification The STM32WBA5MMG module has obtained CE certification. The module is provided with CE marking. Figure 6. CE certification logo 9.3 FCC certification The STM32WBA5MMG module complies with part 15 of the FCC rules. The FCC ID is YCP-32WBA5MMG01. The module label on the box used for shipment includes the corresponding FCC ID. The operation is subject to the following two conditions: • This device may not cause harmful interference. • This device must accept any interference received, including interference that may cause undesired operation. STM32WBA5MMG Certification DS14801 - Rev 3 page 16/25 |