| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA5MMG Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA5MMG Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 25 page ![]() 2 Description The STM32WBA5MMG is an ultra-low-power, small form factor, certified 2.4 GHz wireless module. It supports Bluetooth® LE, Zigbee® 3.0, OpenThread, dynamic and static concurrent modes, and IEEE 802.15.4 proprietary protocols. Based on the STM32WBA55UG wireless microcontroller, it provides best-in-class RF performance thanks to its good receiver sensitivity and a high output power signal. Its low-power features enable extended battery life time, small coin-cell batteries. The STM32WBA5MMG requires no RF expertise. It is the best way to speed up application development and to reduce the associated costs. The module is completely protocol stack royalty-free. STM32WBA5MMG Description DS14801 - Rev 3 page 4/25 |