| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA5MMG Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA5MMG Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 25 page ![]() • Rx sensitivity: -96 dBm (Bluetooth® LE at 1 Mbit/s), -97.5 dBm (IEEE 802.15.4 at 250 Kbit/s) • Up to 33 I/Os (most of them 5 V-tolerant) with interrupt capability Security and cryptography • Secure firmware installation (SFI) • Advanced encryption standards (AES) accelerators • Public key accelerator (PKA) • Protection against differential power analysis (DPA) • HASH hardware accelerator • True random number generator (RNG) • 96-bit UID • CRC calculation unit • Flash readout and hide protection (RDP and HDP) • Tamper detection • Root hardware unique key (RHUK) Serial wire debug (SWD) and JTAG Suitable for 2 layer PCB product design All packages are ECOPACK2 compliant. Applications • Home automation • Wellness, healthcare, personal trackers • Gaming and toys • Beacons and accessories • Industrial STM32WBA5MMG DS14801 - Rev 3 page 2/25 |