| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32WBA5MMG Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WBA5MMG Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 25 page ![]() Pin name Pin type STM32WBA5MMG STM32WBA55UGI Function after reset 40 E8 PA11 I/O 41 E7 PB2 I/O 42 D8 PB1 I/O 43 D7 PB0 I/O 44 C8 PB15 I/O 45 - GND S 46 C7 BOOT0 I/O 47 - GND S 48 B8 NRST I/O 49 - GND S 50 - ANT_OUT O 51 - ANT_IN I 52 - GND S 53 - GND S 54 - GND S 55 - GND S 56 - GND S 57 - GND S 58 - GND S 59 - GND S 60 - GND S 61 - GND S 62 - GND S 63 - GND S 64 - GND S 65 - GND S 66 - GND S 67 - GND S 68 - GND S 69 - GND S 70 - GND S 71 - GND S 72 - GND S 73 - GND S 74 - GND S 75 - GND S 76 - GND S STM32WBA5MMG Pin descriptions DS14801 - Rev 3 page 10/25 |