Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA5MMG Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STM32WBA5MMG
Descripción Electrónicos  Bluetooth® LE and IEEE 802.15.4 radio module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA5MMG Datasheet(HTML) 3 Page - STMicroelectronics

  STM32WBA5MMG Datasheet HTML 1Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 2Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 3Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 4Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 5Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 6Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 7Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 8Page - STMicroelectronics STM32WBA5MMG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
Introduction
This document provides the ordering information and mechanical device characteristics of the STM32WBA5MMG
module. It must be read in conjunction with DS14127, RM0493, and ES0592, available on www.st.com.
The STM32WBA5MMG module is based on the STM32WBA55UG wireless microcontroller, which integrates an
Arm® core.
For information on Arm® Cortex® cores, refer to the relevant Cortex® technical reference manual, available from
the www.arm.com website.
For information on Bluetooth® refer to www.bluetooth.com website.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
Reference documents
[1]
Reference manual Multiprotocol wireless Bluetooth® Low-Energy and IEEE802.15.4, STM32WBA5xxx
Arm®
‑based 32-bit MCUs (RM0493)
[2]
STM32WBA5xxx datasheet (DS14127)
[3]
STM32WBA5x device errata (ES0592)
STM32WBA5MMG
Introduction
DS14801 - Rev 3
page 3/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25