Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 162 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 162 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 156Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 157Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 158Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 159Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 160Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 161Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 162Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 163Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 164Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 162 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 162
GLOSSARY
TERM
DEFINITION
Ring Adapter
Cylindrical rim or collar attached to the rear of a connector to allow the attachment of backshells or strain relief.
S
Sealed Flange
A flange that is molded or tooled as an integral part of the connector body to help prevent leakage at the mounting site.
Sealing Plug
A non-conductive dummy pin inserted to fill an open cavity in a connector. Sealing plugs are required to maintain the integrity of the
environmental seal.
Selective Plating
Application of a thin coating of a finish metal to specific parts of a contact, but not to others. If selective plating is used, plating is
typically applied to the mating surface to provide better conductivity and reduce wear and corrosion.
Shrink Boot Adapter
Thermoplastic rear adapter designed to provide a lip for heat shrink to form around to attach it securely to a connector.
Socket
Wire termination with hollow mating end into which the pin or male terminal is inserted. Also referred to as a female contact.
Solid Contact
Closed barrel terminal manufactured using a cold heading process.
Stamped & Formed
Contact
Open barrel terminal manufactured using a precision stamping process.
Strain Relief
Hard plastic or metal device that attaches to the rear of a connector to provide wire support.
T
“T” Seal
Reduced diameter insert cavity in the rear grommet. Also referred to as thin seal, a “T” seal allows for the use of smaller wire or thinner
insulation diameter. A “T” seal is larger than an “E” seal and smaller than an “N” seal.
Terminal Position
Assurance (TPA)
A secondary locking mechanism. Snapped into place on the mating face of a connector after the connector is populated, a TPA holds
contacts in correct alignment for mating and prevents them from being removed.
Terminating Resistor
A connector that includes a device to create electrical resistance. Commonly used on J1939 applications to end the main trunk line or bus
network.
Threaded Adapter
A cylindrical device with screw threads attached to rear of connector to allow the attachment of a threaded backshell or strain relief.
Threaded Rear
Screw threads at the non-mating end of a connector to allow the attachment of a threaded backshell or strain relief.
W
Wedgelock
A device inserted into or onto the mating face of a connector to position and hold contacts in correct alignment.
Wire Router
Protective device attached to the rear of connector to provide wire bundle strain relief.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com