Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 79 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 79 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 75Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 76Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 77Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 78Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 79Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 80Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 81Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 82Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 83Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 79
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
24 CAVITY CONNECTORS
DRC Series
16
Recept., DRC, 24 way, A key, black, flange
DRC12-24PA
N/A
16
Recept., DRC, 24 way, A key, black, flange, E seal
DRC12-24PAE
N/A
16
Recept., DRC, 24 way, A key, black, flange, T seal
DRC12-24PAT
N/A
16
Recept., DRC, 24 way, B key, black, flange
DRC12-24PB
N/A
16
Recept., DRC, 24 way, B key, black, flange, E seal
DRC12-24PBE
N/A
16
Recept., DRC, 24 way, B key, black, flange, T seal
DRC12-24PBT
N/A
16
Recept., DRC, 24 way, C key, black, flange
DRC12-24PC
N/A
16
Recept., DRC, 24 way, C key, black, flange, E seal
DRC12-24PCE
N/A
16
Recept., DRC, 24 way, D key, black, flange
DRC12-24PD
N/A
16
Recept., DRC, 24 way, A key, black, in-line
DRC14-24PA
N/A
16
Recept., DRC, 24 way, A key, black, in-line, E seal
DRC14-24PAE
N/A
16
Recept., DRC, 24 way, B key, black, in-line
DRC14-24PB
N/A
16
Recept., DRC, 24 way, B key, black, in-line, E seal
DRC14-24PBE
N/A
16
Plug, DRC, 24 way, A key, black
DRC16-24SA
N/A
16
Plug, DRC, 24 way, A key, black, bonded front seal
DRC16-24SA-P013
N/A
16
Plug, DRC, 24 way, A key, black, E seal
DRC16-24SAE
N/A
16
Plug, DRC, 24 way, A key, black, E seal, bonded front seal
DRC16-24SAE-P013
N/A
16
Plug, DRC, 24 way, A key, black, T seal
DRC16-24SAT
N/A
16
Plug, DRC, 24 way, B key, black
DRC16-24SB
N/A
16
Plug, DRC, 24 way, B key, black, bonded front seal
DRC16-24SB-P013
N/A
16
Plug, DRC, 24 way, B key, black, E seal, bonded front seal
DRC16-24SBE-P013
N/A
16
Plug, DRC, 24 way, B key, black, T seal
DRC16-24SBT
N/A
16
Plug, DRC, 24 way, C key, black
DRC16-24SC
N/A
16
Plug, DRC, 24 way, C key, black, bonded front seal
DRC16-24SC-P013
N/A
16
Plug, DRC, 24 way, D key, black
DRC16-24SD
N/A
20
Plug, DRC, 24 way, A key, black
DRC26-24SA
N/A
20
Plug, DRC, 24 way, B key, black
DRC26-24SB
N/A
DRC10/13/23 Series
16
Recept., DRC10, 24 way, A key, black, flange, 180° solder pots
DRC10-24PA
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com