Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 99 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 99 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 95Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 96Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 97Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 98Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 99Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 100Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 101Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 102Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 103Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 99
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
80 sz. 16,
16 sz. 12,
4 sz. 8, 2 sz. 4
Recept., DRB, 102 way, A key, black, non-environmentally sealed, bulkhead
DRB12-102PANE
WB-51PAL
WB-51PAR
80 sz. 16,
16 sz. 12,
4 sz. 8, 2 sz. 4
Recept., DRB, 102 way, B key, black, E seal, bulkhead, wire router
DRB12-102PBE-L018
WB-51PBL
WB-51PBR
80 sz. 16,
16 sz. 12,
4 sz. 8, 2 sz. 4
Plug, DRB, 102 way, A key, black, E seal, bulkhead, wire router
DRB16-102SAE-L018
WB-51SAL
WB-51SAR
80 sz. 16,
16 sz. 12,
4 sz. 8, 2 sz. 4
Plug, DRB, 102 way, B key, black, E seal, bulkhead, wire router
DRB16-102SBE-L018
WB-51SBL
WB-51SBR
128 CAVITY CONNECTORS
DRB Series
112 sz. 16, 16 sz. 12
Recept., DRB, 128 way, A key, black, E seal, bulkhead, wire router
DRB12-128PAE-L018
(2) WB-
64PA
112 sz. 16, 16 sz. 12
Recept., DRB, 128 way, A key, black, non-environmentally sealed, bulkhead, wire router
DRB12-128PANE-L018
(2) WB-
64PA
112 sz. 16, 16 sz. 12
Recept., DRB, 128 way, B key, black, E seal, bulkhead, wire router
DRB12-128PBE-L018
(2) WB-
64PB
112 sz. 16, 16 sz. 12
Recept., DRB, 128 way, B key, black, non-environmentally sealed, bulkhead, wire router
DRB12-128PBNE-L018
(2) WB-
64PB
112 sz. 16, 16 sz. 12
Plug, DRB, 128 Way, A key, black, E seal, bulkhead, wire router
DRB16-128SAE-L018
(2) WB-
64SA
112 sz. 16, 16 sz. 12
Plug, DRB, 128 Way, B key, black, E seal, bulkhead, wire router
DRB16-128SBE-L018
(2) WB-
64SB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com