Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 57 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 57 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 53Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 54Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 55Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 56Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 57Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 58Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 59Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 60Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 61Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 57
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
1.5K
Tab housing, HDSCS, 12 way, group D, 2 key, gray
2-1564414-1
Included
1.5K
Tab housing, HDSCS, 12 way, group D, 3 key, green, sealed flange
3-1564520-1
Included
1.5K
Tab housing, HDSCS, 12 way, group D, 3 key, green
3-1564414-1
Included
1.5K
Tab housing, HDSCS, 12 way, group D, 4 key, blue, sealed flange
4-1564520-1
Included
1.5K
Tab housing, HDSCS, 12 way, group D, 4 key, blue
4-1564414-1
Included
1.5K
Recept. housing, HDSCS, 12 way, group D, 1 key, black
1-1703639-1
Included
1.5K
Recept. housing, HDSCS, 12 way, group D, 2 key, gray
2-1703639-1
Included
1.5K
Recept. housing, HDSCS, 12 way, group D, 3 key, green
3-1703639-1
Included
1.5K
Recept. housing, HDSCS, 12 way, group D, 4 key, blue
4-1703639-1
Included
2.8
Recept. housing, HDSCS, 12 way, group E, 1 key, black
1-1670901-1
Included
2.8
Recept. housing, HDSCS, 12 way, group E, 2 key, gray
2-1670901-1
Included
2.8
Recept. housing, HDSCS, 12 way, group E, 3 key, green
3-1670901-1
Included
2.8
Recept. housing, HDSCS, 12 way, group E, 4 key, blue
4-1670901-1
Included
14 CAVITY CONNECTORS
AMPSEAL
1.3 mm
Header, AMPSEAL, 14 way, A key, black, 180° molded tin pins, PCB mount, without seal
776261-1
N/A
1.3 mm
Header, AMPSEAL, 14 way, A key, black, 180° molded tin pins, PCB mount, with seal
776262-1
N/A
1.3 mm
Header, AMPSEAL, 14 way, A key, black, 180° molded gold pins, PCB mount, without seal
1-776261-1
N/A
1.3 mm
Header, AMPSEAL, 14 way, A key, black, 180° molded gold pins, PCB mount, with seal
1-776262-1
N/A
1.3 mm
Header, AMPSEAL, 14 way, A key, black, 90° molded tin pins, PCB mount, without seal
776266-1
N/A
1.3 mm
Header, AMPSEAL, 14 way, A key, black, 90° molded tin pins, PCB mount, with seal
776267-1
N/A
1.3 mm
Header, AMPSEAL, 14 way, A key, black, 90° molded gold pins, PCB mount, without seal
1-776266-1
N/A
1.3 mm
Header, AMPSEAL, 14 way, A key, black, 90° molded gold pins, PCB mount, with seal
1-776267-1
N/A
1.3 mm
Header, AMPSEAL, 14 way, B key, natural, 180° molded tin pins, PCB mount, without seal
776261-2
N/A
1.3 mm
Header, AMPSEAL, 14 way, B key, natural, 180° molded gold pins, PCB mount, without seal
1-776261-2
N/A
1.3 mm
Header, AMPSEAL, 14 way, B key, natural, 180° molded gold pins, PCB mount, with seal
1-776262-2
N/A
1.3 mm
Header, AMPSEAL, 14 way, B key, natural, 90° molded tin pins, PCB mount, without seal
776266-2
N/A
1.3 mm
Header, AMPSEAL, 14 way, B key, natural, 90° molded tin pins, PCB mount, with seal
776267-2
N/A
1.3 mm
Header, AMPSEAL, 14 way, B key, natural, 90° molded gold pins, PCB mount, without seal
1-776266-2
N/A
1.3 mm
Header, AMPSEAL, 14 way, B key, natural, 90° molded gold pins, PCB mount, with seal
1-776267-2
N/A
1.3 mm
Header, AMPSEAL, 14 way, C key, gray, 180° molded tin pins, PCB mount, without seal
776261-4
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com