Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 5 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  HD36-24-21SN-059 Datasheet HTML 1Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 2Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 3Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 4Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 5Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 6Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 7Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 8Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 5
PERFORMANCE SPECIFICATIONS
CIRCULAR DIN CONNECTORS
Current:
Up to 40 amps
Temperature:
Operating at temperatures -40°C to +120°C for plastic parts, short term up to +140°C defined in the standard ISO 15170
Durability:
20 cycles, max. testing requirement in the standard ISO 15170, former DIN 72585
Insulation Resistance:
No flash over or breakdown between every two contacts or between every contact and outer contour of the housing permitted at 1000
volts AC and 50 or 60 Hz for 60 seconds.
Immersion:
No ingress of water is allowed, acc. to DIN 40050-9 IPX7, IPX9K
Vibration:
According to standard ISO 15170, former DIN 72585
Dielectric Withstanding
Voltage:
No flash over or breakdown between every two contacts or between every contact and outer contour of the housing permitted at 1000
volts AC and 50 or 60 Hz for 60 seconds.
2.5 mm (CIRCULAR DIN) CONTACTS
Durability:
Maximum mating cycles
10 (tin)
50 (silver)
100 (gold)
Current Rating:
Contact Size
Max. Current
2.5 mm
up to 40 amps
Contact Retention:
Contact Size
Min. Load
2.5 mm
> 90 N
with secondary retention up to 100 N
Crimp Tensile Strength:
Contact Size
Tensile Strength
.35 mm2
≥ 50 N
.5 mm2
≥ 60 N
1.0 mm2
≥ 100 N
1.5 mm2
≥ 150 N
2.5 mm2
≥ 200 N
4.0 mm2
≥ 250 N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com