Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 22 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 22 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 18Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 19Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 20Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 21Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 22Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 23Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 24Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 25Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 26Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 22
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
20
Recept., DTMH, 2 way, A key, black, high temp
DTMH04-2PA
Included
20
Recept., DTMH, 2 way, B key, black, high temp
DTMH04-2PB
Included
20
Recept., DTMH, 2 way, C key, black, high temp
DTMH04-2PC
Included
20
Recept., DTMH, 2 way, D key, black, high temp
DTMH04-2PD
Included
20
Plug, DTMH, 2 way, A key, black, high temp
DTMH06-2SA
Included
20
Plug, DTMH, 2 way, B key, black, high temp
DTMH06-2SB
Included
20
Plug, DTMH, 2 way, C key, black, high temp
DTMH06-2SC
Included
20
Plug, DTMH, 2 way, D key, black, high temp
DTMH06-2SD
Included
DTMN Series
20
Recept., DTMN, 2 way, black, non-environmental
DTMN04-2P
N/A
20
Plug, DTMN, 2 way, black, non-environmental
DTMN06-2S
N/A
DTP Series
12
Recept., DTP, 2 way, gray
DTP04-2P
WP-2P
12
Recept., DTP, 2 way, gray, reduced dia. seals
DTP04-2P-C015
WP-2P
12
Recept., DTP, 2 way, gray, end cap
DTP04-2P-E003
WP-2P
12
Recept., DTP, 2 way, black
DTP04-2P-E004
WP-2P
12
Recept., DTP, 2 way, black, shrink boot adapter
DTP04-2P-EE01
WP-2P
12
Plug, DTP, 2 way, gray
DTP06-2S
WP-2S
12
Plug, DTP, 2 way, gray, reduced dia. seals
DTP06-2S-C015
WP-2S
12
Plug, DTP, 2 way, black, reduced dia. seals, shrink boot adapter
DTP06-2S-CE09
WP-2S
12
Plug, DTP, 2 way, gray, end cap
DTP06-2S-E003
WP-2S
12
Plug, DTP, 2 way, black
DTP06-2S-E004
WP-2S
12
Plug, DTP, 2 way, black, shrink boot adapter
DTP06-2S-EE01
WP-2S
HD30 Series
2 sz. 4
Recept., HD30, 18 shell, 2 way, N seal, cavities 1, 2, 5, 6 blocked
HD34-18-6PN-C030
N/A
2 sz. 4
Recept., HD30, 18 shell, 2 way, N seal, cavities 1, 2, 5, 6 blocked, cable clamp
HD34-18-6PN-C030
-059
N/A
2 sz. 4
Plug, HD30, 18 shell, 2 way, N seal, cavities 1, 2, 5, 6 blocked
HD36-18-6SN-C030
N/A
2 sz. 4
Plug, HD30, 18 shell, 2 way, N seal, cavities 1, 2, 5, 6 blocked, cable clamp
HD36-18-6SN-C030
-059
N/A
HDP20 Series
2 sz. 4
Recept., HDP20, 18 shell, 2 way, black, N seal, cavities 1, 2, 5, 6 blocked
HDP24-18-6PN-C030
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com