Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 7 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 3Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 4Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 5Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 6Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 7Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 8Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 9Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 10Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 7
PERFORMANCE SPECIFICATIONS
HDSCS CONNECTORS
Current:
Up to 40 amps
Temperature:
Operating at temperatures -40°C to +140°C
Durability:
Up to 10 cycles (tin), up to 50 cycles (silver), up to 100 cycles (gold), see individual product specifications for additional details.
Insulation Resistance:
500 volts DC, test acc. to ISO 16750-2 (4.12).
Immersion:
IP67 rating, IP6K9K with cover, for tab housings with flange, only by observing mounting instructions.
Random Vibration:
No physical damage of housings and contacts, no derogation of function; the connection may not open at 177 m/s2, 94 hours for each of
the three axes. See product specification 108-94020 for full specifications.
Voltage:
Up to 42 volts DC
Dielectric Withstanding
Voltage:
No flash over or breakdown between adjacent contacts and outer contour of the housing permitted at 500 volts AC and 50 or 60 Hz for
60 seconds.
Flammability:
Product with UL 94 V0 rated material is available
AMP MCP (HDSCS) CONTACTS
Durability:
10 cycles (tin)
50 cycles (silver)
100 cycles (gold)
Current Rating:
Contact Size
Max. Current
1.5K
up to 20 amps
2.8
up to 40 amps
6.3/4.8K
up to 40 amps
Contact Retention:
Contact Size
Min. Load
1.5K
40/60 N
2.8
80 N
6.3/4.8K
80 N
Crimp Tensile Strength:
Contact Size
Tensile Strength
Contact Size
Tensile Strength
Contact Size
Tensile Strength
1.5K
2.8
6.3./4.8K
.22 mm2
≥ 32 N
.22 mm2
≥ 28 N
.35 mm2
≥ 50 N
.35 mm2
≥ 50 N
.35 mm2
≥ 50 N
.50 mm2
≥ 60 N
.50 mm2
≥ 60 N
.50 mm2
≥ 60 N
.75 mm2
≥ 85 N
.75 mm2
≥ 85 N
.75 mm2
≥ 85 N
1.0 mm2
≥ 108 N
1.0 mm2
≥ 108 N
1.0 mm2
≥ 108 N
1.5 mm2
≥ 150 N
1.25 mm2
≥ 135 N (16 AWG)
1.5 mm2
≥ 150 N
2.5 mm2
≥ 200 N
1.5 mm2
≥ 135 N
2.5 mm2
≥ 200 N
4.0 mm2
≥ 310 N
6.0 mm2
≥ 450 N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com