Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 3 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  HD36-24-21SN-059 Datasheet HTML 1Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 2Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 3Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 4Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 5Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 6Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 7Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 8Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 3
PERFORMANCE SPECIFICATIONS
AMPSEAL CONNECTORS
Current:
Up to 17 amps gold, up to 8 amps tin
Temperature:
Operating at temperatures -40°C to +125°C for gold plated, -40°C to +105°C for tin plated
Durability:
Mate and unmate specimens for 10 cycles at maximum rate of 600 cycles per hour. See note.
Physical Shock:
No discontinuities of 1 microsecond or longer duration. TE Spec 109-26-1. Subject mated specimens to 50 G’s half-sine shock pulses of
11 milliseconds duration. Three shocks in each direction applied along 3 mutually perpendicular planes, 18 total shocks. See Fig 5 in TE
product document 108-1329.
Insulation Resistance:
100 megohms minimum. TE Spec 109-28-4. Test between adjacent contacts of mated specimens.
Immersion:
Leakage current not to exceed 50 micro-amperes at 48 volts DC. TE Spec 109-74-5. Immerse specimens to a depth of 100 mm in 5% salt
water at a temperature of 23 ± 5° C for 1 hour. Check between adjacent circuits and each surface to reference electrode.
Random Vibration:
TE Spec 109-21-7, Condition G, except 10-500 Hz frequency range. Subject mated specimens to 10 Gs for 8 hours each plane. See note.
Voltage:
250 volts AC
Note: Shall meet visual requirements, show no physical damage and shall meet requirements of additional tests as specified in Test Sequence in Figure 3 of TE product
document 108-1329.
1.3 mm (AMPSEAL) CONTACTS
Durability:
TE Spec 109-27. Mate and unmate specimens for 10 cycles at maximum rate of 600 cycles per hour. See note.
Current Rating:
Up to 17 amps gold, up to 8 amps tin, consult TE product document 108-1329.
Contact Retention:
TE Spec 109-30. Apply an axial load of 115 N to contacts in the axial direction with wedge lock in locked position. Contacts shall not
dislodge.
Crimp Tensile Strength:
Contact Size
Tensile Strength
Size 20
80 lbs
Size 18
90 lbs
Size 16
150 lbs
Note: Shall meet visual requirements, show no physical damage and shall meet requirements of additional tests as specified in Test Sequence in Figure 3 of TE product
document 108-1329.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com