Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 55 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 55 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 51Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 52Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 53Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 54Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 55Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 56Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 57Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 58Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 59Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 55
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
DT13 EEC Headers
16
Recept., DT13, 12 way, enhanced A key, black, 90° molded pins, DT EEC PCB header
DT13-12PA-R015
N/A
DTF Series
16
Recept., DTF13, 12 way, enhanced A key, gray, 90° molded pins, flangeless PCB mount
DTF13-12PA
N/A
16
Recept., DTF13, 12 way, enhanced A key, gray, 90° molded gold pins, flangeless PCB mount
DTF13-12PA-G003
N/A
16
Recept., DTF13, 12 way, enhanced B key, black, 90° molded pins, flangeless PCB mount
DTF13-12PB
N/A
16
Recept., DTF13, 12 way, enhanced C key, green, 90° molded pins, flangeless PCB mount
DTF13-12PC
N/A
16
Recept., DTF13, 12 way, enhanced D key, brown, 90° molded pins, flangeless PCB mount
DTF13-12PD
N/A
16
Recept., DTF15, 12 way, enhanced A key, gray, 180° molded pins, flangeless PCB mount
DTF15-12PA
N/A
16
Recept., DTF15, 12 way, enhanced A key, gray, 180° molded gold pins, flangeless PCB mount
DTF15-12PA-G003
N/A
16
Recept., DTF15, 12 way, enhanced B key, black, 180° molded pins, flangeless PCB mount
DTF15-12PB
N/A
16
Recept., DTF15, 12 way, enhanced B key, black, 180° molded gold pins, flangeless PCB mount
DTF15-12PB-G003
N/A
16
Recept., DTF15, 12 way, enhanced C key, green, 180° molded pins, flangeless PCB mount
DTF15-12PC
N/A
16
Recept., DTF15, 12 way, enhanced D key, brown, 180° molded pins, flangeless PCB mount
DTF15-12PD
N/A
DTM Series
20
Recept., DTM, 12 way, A key, gray
DTM04-12PA
WM-12P
20
Recept., DTM, 12 way, A key, gray, end cap
DTM04-12PA-E003
WM-12P
20
Recept., DTM, 12 way, A key, black, end cap
DTM04-12PA-E005
WM-12P
20
Recept., DTM, 12 way, A key, black, high temp
DTM04-12PA-EE04
WM-12P
20
Recept., DTM, 12 way, A key, gray, welded flange
DTM04-12PA-L012
WM-12P
20
Recept., DTM, 12 way, B key, black
DTM04-12PB
WM-12P
20
Recept., DTM, 12 way, B key, black, welded flange
DTM04-12PB-L012
WM-12P
20
Recept., DTM, 12 way, C key, green
DTM04-12PC
WM-12P
20
Recept., DTM, 12 way, D key, brown
DTM04-12PD
WM-12P
20
Recept., DTM, 12 way, D key, black, high temp
DTM04-12PD-EE04
WM-12P
20
Recept., DTM, 12 way, D key, brown, welded flange
DTM04-12PD-L012
WM-12P
20
Plug, DTM, 12 way, A key, gray
DTM06-12SA
WM-12S
20
Plug, DTM, 12 way, A key, gray, end cap
DTM06-12SA-E003
WM-12S
20
Plug, DTM, 12 way, A key, gray, shrink boot adapter
DTM06-12SA-E007
WM-12S
20
Plug, DTM, 12 way, A key, black, high temp
DTM06-12SA-EE04
WM-12S
20
Plug, DTM, 12 way, B key, black
DTM06-12SB
WM-12S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com