Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 33 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 33 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 29Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 30Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 31Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 32Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 33Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 34Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 35Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 36Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 37Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 33
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
1.58 mm
Cap, AMPSEAL 16, 6 way, B key, black, gray PLR, reduced dia. seal, reverse mount
1717975-2
Included
1.58 mm
Cap, AMPSEAL 16, 6 way, C key, black, yellow PLR, standard dia. seal
776434-3
Included
1.58 mm
Cap, AMPSEAL 16, 6 way, C key, black, yellow PLR, standard dia. seal, reverse mount
1717675-3
Included
1.58 mm
Cap, AMPSEAL 16, 6 way, C key, black, yellow PLR, reduced dia. seal
776537-3
Included
1.58 mm
Plug, AMPSEAL 16, 6 way, A key, black, red PLR, standard dia. seal
776433-1
Included
1.58 mm
Plug, AMPSEAL 16, 6 way, A key, black, red PLR, reduced dia. seal
776531-1
Included
1.58 mm
Plug, AMPSEAL 16, 6 way, B key, black, gray PLR, standard dia. seal
776433-2
Included
1.58 mm
Plug, AMPSEAL 16, 6 way, B key, black, gray PLR, reduced dia. seal
776531-2
Included
1.58 mm
Plug, AMPSEAL 16, 6 way, C key, black, yellow PLR, standard dia. seal
776433-3
Included
1.58 mm
Plug, AMPSEAL 16, 6 way, C key, black, yellow PLR, reduced dia. seal
776531-3
Included
DT Series
16
Recept., DT, 6 way, gray
DT04-6P
W6P
16
Recept., DT, 6 way, gray, reduced dia. seals
DT04-6P-C015
W6P
16
Recept., DT, 6 way, gray, solid rear grommet
DT04-6P-C017
N/A
16
Recept., DT, 6 way, gray, reduced dia. seals, end cap
DT04-6P-CE01
W6P
16
Recept., DT, 6 way, black, reduced dia. seals
DT04-6P-CE02
W6P
16
Recept., DT, 6 way, black, reduced dia. seals, end cap
DT04-6P-CE03
W6P
16
Recept., DT, 6 way, black, reduced dia. seals, shrink boot adapter
DT04-6P-CE09
W6P
16
Recept., DT, 6 way, black, reduced dia. seals, welded flange
DT04-6P-CL06
W6P
16
Recept., DT, 6 way, black, reduced dia. seals, sealed flange, end cap
DT04-6P-CL09
W6P
16
Recept., DT, 6 way, gray, end cap
DT04-6P-E003
W6P
16
Recept., DT, 6 way, black
DT04-6P-E004
W6P
16
Recept., DT, 6 way, black, end cap
DT04-6P-E005
W6P
16
Recept., DT, 6 way, black, (1) 6 pin buss, nickel contacts
DT04-6P-EP13
Included
16
Recept., DT, 6 way, black, (2) 3 pin busses, nickel contacts
DT04-6P-EP14
Included
16
Recept., DT, 6 way, black, DIN backshell adapter
DT04-6P-L019
W6P
16
Recept., DT, 6 way, gray, (1) 6 pin buss, nickel contacts
DT04-6P-P021
Included
16
Plug, DT, 6 way, gray
DT06-6S
W6S
16
Plug, DT, 6 way, gray, reduced dia. seals
DT06-6S-C015
W6S
16
Plug, DT, 6 way, gray, solid rear grommet
DT06-6S-C017
Included
16
Plug, DT, 6 way, gray, reduced dia. seals, end cap
DT06-6S-CE01
W6S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com