Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 111 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 111 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 107Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 108Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 109Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 110Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 111Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 112Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 113Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 114Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 115Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 111
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Backshell, LEAVYSEAL, 15 way, recept. housing, 90°, NW 13 mm tubing
9-1394049-1
Backshell, LEAVYSEAL, 15 way, tab housing, 90°, NW 13 mm tubing
9-1394049
Backshell, LEAVYSEAL, 21 way, recept. housing, 90°, NW 17 mm tubing
9-1394050-1
Backshell, LEAVYSEAL, 21 way, tab housing, 90°, NW 17 mm tubing
2112167-1
Backshell, LEAVYSEAL, 22 way, recept. housing, 90°, NW 17 mm tubing
2112452-1
Backshell, LEAVYSEAL, 26 way, recept. or tab housing, 90°, NW 22 mm tubing
2112046-1
Backshell, LEAVYSEAL, 31 way, recept. housing, 90°, NW 26 mm tubing
1418882-1
Backshell, LEAVYSEAL, 39 way, recept. or tab housing, 90°, NW 26 mm tubing
1418882-1
Backshell, LEAVYSEAL, 46 way, recept. housing, 90°, NW 22 mm tubing
2112233-1
Backshell, LEAVYSEAL, 62 way, recept. or tab housing, 90°, NW 26 mm tubing
1418882-1
Backshell, LEAVYSEAL, 62 way, recept. or tab housing, 90°, NW 26 mm tubing, V0
1823500-1
Backshell, LEAVYSEAL, 92 way, recept. housing, 90°, NW 26 mm tubing
1703997-1
Backshell, LEAVYSEAL, 92 way, recept. housing, 90°, NW 29 mm tubing
2141345-1
STRIKE Series
Backshell, STRIKE, FL size arrangements, 90°, NW 22 & 26 mm tubing
SRK-BS-FL-90-001
Backshell, STRIKE, FL size arrangements, 90°, NW 26 mm tubing
SRK-BS-FL-90-002
Backshell, STRIKE, FL size arrangements, 180°, NW 22 mm tubing
SRK-BS-FL-ST-001
Backshell, STRIKE, FL size arrangements, 180° NW 26 mm tubing
SRK-BS-FL-ST-002
Backshell, STRIKE, MD size arrangements, 90°, NW 17 & 22 mm tubing
SRK-BS-MD-90-001
Backshell, STRIKE, MD size arrangements, 90°, NW 22 mm tubing
SRK-BS-MD-90-002
Backshell, STRIKE, MD size arrangements, 180°, NW 17 mm tubing
SRK-BS-MD-ST-001
Backshell, STRIKE, MD size arrangements, 180°, NW 22 mm tubing
SRK-BS-MD-ST-002
DTM Series
Backshell, DTM, 2 way, plug, 180°
1011-273-0205
Backshell, DTM & DTMH, 2 way, plug, 180°
1028-041-0205
Backshell, DTM & DTMH, 2 way, recept., 90°
1028-021-0205
Backshell, DTM & DTMH, 3 way, plug, 180°
1028-005-0305
Backshell, DTM, 3 way, recept., 180°
1028-024-0305
Backshell, DTM & DTMH, 4 way, plug, 180°
1028-008-0405
Backshell, DTM & DTMH, 4 way, recept., 180°
1028-027-0405
Backshell, DTM, 6 way, plug, 180°
1028-011-0605



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com