Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 118 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 118 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 114Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 115Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 116Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 117Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 118Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 119Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 120Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 121Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 122Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 118
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Nut, cable clamp, HD30
WHDS-NUT
CONTACT REMOVAL TOOLS
Device used to disengage contacts from the connector housing
AMPSEAL 16
Tool, contact/PLR removal, AMPSEAL 16
776441-1
Circular DIN
Tool, extraction, 2.5 mm
1-1579007-8
DEUTSCH
Tool, contact removal, sz. 4, C038 mod only
0411-027-0405
Tool, contact removal, sz. 4
114009
Tool, contact removal, sz. 8
114008
Tool, contact removal, sz. 8, HDBox
0411-353-0805
Tool, contact removal, sz. 12
114010
Tool, contact removal, sz. 12, E seal
0411-337-1205
Tool, contact removal, sz. 14
0411-291-1405
Tool, contact removal, sz. 16
0411-310-1605
Tool, contact removal, sz. 16, E seal
0411-336-1605
Tool, contact removal, sz. 20
0411-240-2005
Tool, contact/TPA/wedgelock removal
DT-RT1
HDSCS/LEAVYSEAL
Tool, insertion, 1.5K
1579008-9
Tool, extraction, 1.5K
539960-1
Tool, extraction, 1.5K
1-1579007-1
Tool, insertion, 2.8
519609-1
Tool, extraction, 2.8 and 6.3/4.8K
1-1579007-6
Tool, extraction, 6.3/4.8K
1-1579007-3
D-HOLE PUNCHES
Hand tools used to cut D shaped holes to allow connectors to be mounted
Tool, D-hole punch, 18 shell
18-D-PUNCH
Tool, D-hole punch, 24 shell
24-D-PUNCH
Tool, D-hole punch, 18 or 24 shell, draw stud
PUNCH-DRAW-STUD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com