Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 461 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 457Page - Renesas Technology Corp H8S/20223 Datasheet HTML 458Page - Renesas Technology Corp H8S/20223 Datasheet HTML 459Page - Renesas Technology Corp H8S/20223 Datasheet HTML 460Page - Renesas Technology Corp H8S/20223 Datasheet HTML 461Page - Renesas Technology Corp H8S/20223 Datasheet HTML 462Page - Renesas Technology Corp H8S/20223 Datasheet HTML 463Page - Renesas Technology Corp H8S/20223 Datasheet HTML 464Page - Renesas Technology Corp H8S/20223 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 992 page
background image
Section 14 Timer RB
Rev. 1.00 Oct. 03, 2008 Page 435 of 962
REJ09B0465-0100
14.3.7
Operation through an Event Link
Using the event link controller (ELC), timer RB can be made to operate in the following ways in
relation to events occurring in other modules.
(1) Starting Counter Operation
The start of counting operations by timer RB can be selected by the ELOPA register of the ELC.
When the event specified in ELSR1 occurs, the TSTART bit in the TRBCR is set to 1, which
starts counting by timer RB. However, if the specified event occurs when the TCSTF flag has
already been set to 1, that event is not effective.
(2) Counting Events
The counting of events by timer RB can be selected by the ELOPA register of the ELC. When the
event specified in ELSR1 occurs, event counter operation proceeds with that event as the source to
drive counting, regardless of the setting in TRBMR. When event-counter operation is to be
employed, set the TSTART bit in TRBCR to 1 beforehand. When the value of the counter is read,
the value read out is the actual number of input events minus three.
14.4
Interrupt Request
This module provides a timer RB interrupt enable bit (the TRBIE bit in TRBIR) and a timer RB
interrupt request flag (the TRBIF bit in TRBIR). An interrupt request is issued to the CPU when
the TRBIE bit is set to 1 while the TRBIF bit is 1, or when the TRBIE bit changes from 0 to 1
while the TRBIF bit is 1. Since the condition under which the TRBIF bit is set varies with
operation modes, see the explanation on the TRBIF bit and the description of the various operation
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com