Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 214 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 210Page - Renesas Technology Corp H8S/20223 Datasheet HTML 211Page - Renesas Technology Corp H8S/20223 Datasheet HTML 212Page - Renesas Technology Corp H8S/20223 Datasheet HTML 213Page - Renesas Technology Corp H8S/20223 Datasheet HTML 214Page - Renesas Technology Corp H8S/20223 Datasheet HTML 215Page - Renesas Technology Corp H8S/20223 Datasheet HTML 216Page - Renesas Technology Corp H8S/20223 Datasheet HTML 217Page - Renesas Technology Corp H8S/20223 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 188 of 962
REJ09B0465-0100
(e)
Inquiry about Frequency Division Ratios
In response to the command for inquiry about frequency division ratios, the boot program returns
the information on the selectable frequency division ratios.
Command
H'22
• Command H'22 (1 byte): Inquiry about frequency division ratios
Response
H'32
Size
Number
of types
Number of
Frequency
division
ratios
Frequency
division
ratio
…
…
SUM
• Response H'32 (1 byte): Response to the inquiry about frequency division ratios
• Size (1 byte): The total size of the number-of-types, number-of-frequency-division-ratios, and
frequency-division-ratio fields.
• Number of types (1 byte): The number of operating clock signals for which frequency division
ratios can be selected for the device.
(For example, the value is H'02 if frequency division ratio settings can be made for the
frequencies of the main and peripheral module operating clock signals.)
• Number of frequency division ratios (1 byte): The number of selectable frequency division
ratios for each operating clock signal.
(For example, the number of selectable frequency division ratios for the main or peripheral
module operating clock signal.)
• Frequency division ratio (1 byte):
The negative numerical value by which the frequency is divided. (Example: H'FE (-2) when
the frequency is divided by two.)
As many frequency-division-ratio fields are repeated as the number of corresponding
frequency division ratios; and the combinations of the former and latter fields are repeated as
many times as the number of types (= number of operating clock signals).
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com