Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 213 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 209Page - Renesas Technology Corp H8S/20223 Datasheet HTML 210Page - Renesas Technology Corp H8S/20223 Datasheet HTML 211Page - Renesas Technology Corp H8S/20223 Datasheet HTML 212Page - Renesas Technology Corp H8S/20223 Datasheet HTML 213Page - Renesas Technology Corp H8S/20223 Datasheet HTML 214Page - Renesas Technology Corp H8S/20223 Datasheet HTML 215Page - Renesas Technology Corp H8S/20223 Datasheet HTML 216Page - Renesas Technology Corp H8S/20223 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 187 of 962
REJ09B0465-0100
• Response H'31 (1 byte): Response to the inquiry about clock modes
• Size (1 byte): The total size of the number-of-modes and mode fields
• Mode (1 byte): Selectable clock modes (example: H'01 denotes clock mode 1)
• SUM (1 byte): Checksum
(d) Clock Mode Selection
In response to the command for clock mode selection, the boot program sets the specified clock
mode as the selected clock mode. The boot program will return the information on the selected
clock mode in response to the subsequent inquiries.
The clock-mode selection command should be transmitted after the device selection command
(H'10).
Command
H'11
Size
Mode
SUM
• Command H'11 (1 byte): Clock mode selection
• Size (1 byte): The number of characters in the mode field (fixed to one).
• Mode (1 byte): The clock mode that has been returned in response to the inquiry about clock
modes.
• SUM (1 byte): Checksum
Response
H'06
• Response H'06 (1 byte): Response to clock mode selection
The ACK code is returned when the specified clock mode corresponds to one of the selectable
clock modes.
Error response
H'91
ERROR
• Error response H'91 (1 byte): Error response to clock mode selection
• ERROR (1 byte): Error code
H'11: Checksum error
H'22: Clock mode error indicating clock mode disagreement
Even if value H'00 or H'01 has been returned in response to the clock-mode inquiry command as
the number of modes, it is required to select the clock mode for each value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com