Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 215 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 211Page - Renesas Technology Corp H8S/20223 Datasheet HTML 212Page - Renesas Technology Corp H8S/20223 Datasheet HTML 213Page - Renesas Technology Corp H8S/20223 Datasheet HTML 214Page - Renesas Technology Corp H8S/20223 Datasheet HTML 215Page - Renesas Technology Corp H8S/20223 Datasheet HTML 216Page - Renesas Technology Corp H8S/20223 Datasheet HTML 217Page - Renesas Technology Corp H8S/20223 Datasheet HTML 218Page - Renesas Technology Corp H8S/20223 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 189 of 962
REJ09B0465-0100
(f)
Inquiry about Operating Frequencies
In response to the command for inquiry about operating frequencies, the boot program returns the
number of operating frequency types and the respective maximum and minimum frequencies.
Command
H'23
• Command H'23 (1 byte): Inquiry about operating frequencies
Response
H'33
Size
Number of
operating
frequencies
Minimum operating
frequency
Maximum operating
frequency
…
SUM
• Response H'33 (1 byte): Response to the inquiry about operating frequencies
• Size (1 byte): The total size of the number-of-operating-frequencies, maximum-frequency, and
minimum-frequency fields.
• Number of operating frequencies (1 byte): The number of operating frequency types required
for the device
(For example, the value is H'02 if the main and peripheral module operating frequencies are
required.)
• Minimum operating frequency (2 bytes): The minimum frequency of a frequency-multiplied or
divided clock signal
The values in the minimum- and maximum-operating-frequency fields are obtained by
multiplying the operating frequency (MHz; to the second decimal place) by 100. (For example,
when the frequency is 20.00 MHz, 20.00 is multiplied by 100 to be 2000, and so H'07D0 is
returned here.)
• Maximum operating frequency (2 bytes): The maximum frequency of a frequency-multiplied
or divided clock signal.
As many pairs of the minimum- and maximum-operating-frequency fields are continued as the
number of operating frequencies (= number of operating frequency types).
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com