Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 217 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 213Page - Renesas Technology Corp H8S/20223 Datasheet HTML 214Page - Renesas Technology Corp H8S/20223 Datasheet HTML 215Page - Renesas Technology Corp H8S/20223 Datasheet HTML 216Page - Renesas Technology Corp H8S/20223 Datasheet HTML 217Page - Renesas Technology Corp H8S/20223 Datasheet HTML 218Page - Renesas Technology Corp H8S/20223 Datasheet HTML 219Page - Renesas Technology Corp H8S/20223 Datasheet HTML 220Page - Renesas Technology Corp H8S/20223 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 191 of 962
REJ09B0465-0100
Response
H'36
Size
Number of blocks
First address of the block
Last address of the block
…
SUM
• Response H'36 (1 byte): Response to the inquiry about erasure blocks
• Size (2 bytes): The total size of the number-of-blocks, first-address-of-the-block, and last-
address-of-the-block fields.
• Number of blocks (1 byte): The number of flash memory blocks to be erased
• First address of the block (4 bytes): The first address of the block
• Last address of the block (4 bytes): The last address of the block
As many pairs of the first-address-of-the-block and last-address-of-the-block fields are
continued as the number of blocks.
• SUM (1 byte): Checksum
(i)
Inquiry about Programming Size
In response to the command for inquiry about programming size, the boot program returns the size
of a unit for programming.
Command
H'27
• Command H'27 (1 byte): Inquiry about programming size
Response
H'37
Size
Programming size
SUM
• Response H'37 (1 byte): Response to the inquiry about programming size
• Size (1 byte): The number of characters in the programming-size field (fixed to 2)
• Programming size (2 bytes): The size of a unit for programming
Programming data is received in the unit specified here.
• SUM (1 byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com