Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 362 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 358Page - Renesas Technology Corp H8S/2437 Datasheet HTML 359Page - Renesas Technology Corp H8S/2437 Datasheet HTML 360Page - Renesas Technology Corp H8S/2437 Datasheet HTML 361Page - Renesas Technology Corp H8S/2437 Datasheet HTML 362Page - Renesas Technology Corp H8S/2437 Datasheet HTML 363Page - Renesas Technology Corp H8S/2437 Datasheet HTML 364Page - Renesas Technology Corp H8S/2437 Datasheet HTML 365Page - Renesas Technology Corp H8S/2437 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 746 page
background image
Rev. 1.00, 09/03, page 324 of 704
12.3.9
Timer Synchro Register (TSYR)
TSYR selects independent operation or synchronous operation for TCNT in channels 0 to 2.
Synchronous operation is performed in the channel when the corresponding bit in TSYR is set to
1.
Bit
Bit Name Initial Value
R/W
Description
7 to 3
All 0
Reserved
The write value should always be 0.
2
1
0
SYNC2
SYNC1
SYNC0
0
0
0
R/W
R/W
R/W
Timer Synchro 2 to 0
Select whether operation is independent of or
synchronized with other channels.
When synchronous operation is selected, synchronous
presetting of multiple channels and synchronous clearing
due to counter clearing on another channel are possible.
To set synchronous operation, the SYNC bits for at least
two channels must be set to 1. To set synchronous
clearing, in addition to the SYNC bit, the TCNT clearing
source must also be set by means of bits CCLR2 to
CCLR0 in TCR.
0: TCNTn operates independently
(TCNT presetting/clearing is unrelated to other
channels)
1: TCNTn performs synchronous operation
TCNT synchronous presetting/synchronous clearing is
possible
(n = 2 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com