Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 413 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 409Page - Renesas Technology Corp H8S/2437 Datasheet HTML 410Page - Renesas Technology Corp H8S/2437 Datasheet HTML 411Page - Renesas Technology Corp H8S/2437 Datasheet HTML 412Page - Renesas Technology Corp H8S/2437 Datasheet HTML 413Page - Renesas Technology Corp H8S/2437 Datasheet HTML 414Page - Renesas Technology Corp H8S/2437 Datasheet HTML 415Page - Renesas Technology Corp H8S/2437 Datasheet HTML 416Page - Renesas Technology Corp H8S/2437 Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 746 page
background image
Rev. 1.00, 09/03, page 375 of 704
13.3.3
Timer Connection Register S (TCONRS)
TCONRS selects whether to access TMRX or TMRY registers, and the signal source and
generation method for the synchronization signal output.
Bit
Bit Name
Initial Value
R/W
Description
7
0
R/W
Reserved
The initial value should not be changed.
6
ISGENE
0
R/W
Internal Synchronization Signal Select
Selects internal synchronization signals (IHG, IVG,
and CL4 signals) as the signal sources for the IHO,
IVO, and CLO signals together with the HOMOD1,
HOMOD0, VOMOD1, VOMOD0, CLMOD1, and
CLMOD0 bits.
5
4
HOMOD1
HOMOD0
0
0
R/W
R/W
Horizontal Synchronization Output Mode Select 1, 0
Select the signal source and generation method for
the IHO signal.
• ISGENE = 0
00: The IHI signal (without 2fH modification) is
selected
01: The IHI signal (with 2fH modification) is selected
1X: The CL1 signal is selected
• ISGENE = 1
XX: The IHG signal is selected
3
2
VOMOD1
VOMOD0
0
0
R/W
R/W
Vertical Synchronization Output Mode Select 1, 0
Select the signal source and generation method for
the IVO signal.
• ISGENE = 0
00: The IVI signal (without fall modification and IHI
synchronization) is selected
01: The IVI signal (without fall modification, with IHI
synchronization) is selected
10: The IVI signal (with fall modification, without IHI
synchronization) is selected
11: The IVI signal (with fall modification and IHI
synchronization) is selected
• ISGENE = 1
XX: The IVG signal is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com