Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 418 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 414Page - Renesas Technology Corp H8S/2437 Datasheet HTML 415Page - Renesas Technology Corp H8S/2437 Datasheet HTML 416Page - Renesas Technology Corp H8S/2437 Datasheet HTML 417Page - Renesas Technology Corp H8S/2437 Datasheet HTML 418Page - Renesas Technology Corp H8S/2437 Datasheet HTML 419Page - Renesas Technology Corp H8S/2437 Datasheet HTML 420Page - Renesas Technology Corp H8S/2437 Datasheet HTML 421Page - Renesas Technology Corp H8S/2437 Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 746 page
background image
Rev. 1.00, 09/03, page 380 of 704
13.4
Operation
13.4.1
PWM Decoding (PDC Signal Generation)
The timer connection and TMRX can be used to decode a PWM signal in which 0 and 1 are
represented by the pulse width. To do this, a signal in which a rising edge is generated at regular
intervals must be selected as the IHI signal.
The timer counter (TCNT) in the TMRX is set to count the internal clock pulses and to be cleared
on the rising edge of the external reset signal (IHI signal). The value to be used as the threshold for
deciding the pulse width is written to TCORB. The PWM decoder contains a delay latch which
uses the IHI signal as data and compare-match signal B (CMB) as a clock, and the state of the IHI
signal (the result of the pulse width decision) at the first compare-match signal B timing after the
TCNT is reset by the rise of the IHI signal is output as the PDC signal. Figure 13.3 shows a block
diagram for the PWM decoding.
The pulse width setting using TICRR and TICRF of the TMRX can be used to determine the pulse
width decision threshold.
Examples of TCR and TCORB settings of the TMRX are shown in tables 13.5 and 13.6, and the
PWM decoding timing chart is shown in figure 13.4.
PWM decoder
Internal clock
Clock
Clear
TCNT
CMB
Comparator B
IHI signal
PDC signal
TCORB
TMRX
Figure 13.3 Block Diagram for PWM Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com