Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 417 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 413Page - Renesas Technology Corp H8S/2437 Datasheet HTML 414Page - Renesas Technology Corp H8S/2437 Datasheet HTML 415Page - Renesas Technology Corp H8S/2437 Datasheet HTML 416Page - Renesas Technology Corp H8S/2437 Datasheet HTML 417Page - Renesas Technology Corp H8S/2437 Datasheet HTML 418Page - Renesas Technology Corp H8S/2437 Datasheet HTML 419Page - Renesas Technology Corp H8S/2437 Datasheet HTML 420Page - Renesas Technology Corp H8S/2437 Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 746 page
background image
Rev. 1.00, 09/03, page 379 of 704
Notes: 1. Only 0 can be written, to clear the flag.
2. The initial value is undefined since it depends on the pin state.
13.3.5
Timer Extended Control Register (TECR)
TECR selects the HSYNCO and VSYNCO output signals and the count clock source for the
TMR0 and TMR1.
Bit
Bit Name
Initial Value
R/W
Description
7
VS0
0
R/W
Vertical Synchronization Signal Output Selection
Selects the signal output from the VSYNCO with the
setting of the VOINV bit in TCONRO. See table 13.4.
6
5
4
HS2
HS1
HS0
0
0
0
R/W
R/W
R/W
Horizontal Synchronization Signal Output Select 2 to
0
Select the signal output from the HSYNCO with the
settings of the HOINV bit in TCONRO. See table
13.3.
3
2
ICKS1_1
ICKS0_1
0
0
R/W
R/W
Internal Clock Source Select (Channel 1)
Select the clock input to the timer counter (TCNT) for
the TMR0_1 and TMR1_1 and count condition with
the settings of the CKS2 to CKS0 bits in the timer
control register 1 (TCR_1). For details, see section
11.3.4, Timer Control Register (TCR).
1
0
ICKS1_0
ICKS0_0
0
0
R/W
R/W
Internal Clock Source Select (Channel 0)
Select the clock input to the timer counter (TCNT) for
the TMR0_0 and TMR1_0 and count condition with
the settings of the CKS2 to CKS0 bits in the timer
control register 0 (TCR_0). For details, see section
11.3.4, Timer Control Register (TCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com