Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 416 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 412Page - Renesas Technology Corp H8S/2437 Datasheet HTML 413Page - Renesas Technology Corp H8S/2437 Datasheet HTML 414Page - Renesas Technology Corp H8S/2437 Datasheet HTML 415Page - Renesas Technology Corp H8S/2437 Datasheet HTML 416Page - Renesas Technology Corp H8S/2437 Datasheet HTML 417Page - Renesas Technology Corp H8S/2437 Datasheet HTML 418Page - Renesas Technology Corp H8S/2437 Datasheet HTML 419Page - Renesas Technology Corp H8S/2437 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 746 page
background image
Rev. 1.00, 09/03, page 378 of 704
Bit
Bit Name
Initial Value
R/W
Description
3
VFEDG
0
R/(W)*
1
VFBACKI Edge
Detects a rising edge on the VFBACKI pin in
channel 0.
This bit is reserved in channel 1. This bit is always
read as 0 and cannot be modified.
0: [Clearing condition]
When 0 is written to VFEDG after reading VFEDG =
1
1: [Setting condition]
When a rising edge is detected on the VFBACKI pin
2
PREQF
0
R/(W)*
1
Pre-Equalization Flag
Detects the occurrence of a 2fH modification
condition for the IHI signal. The generation of a
falling/rising edge in the IHI signal during a mask
interval is expressed as the occurrence of a 2fH
modification condition. For details, see section
13.4.4, 2fH Modification of IHI Signal.
0: [Clearing condition]
When 0 is written to PREQF after reading PREQF =
1
1: [Setting condition]
When a 2fH modification condition for the IHI signal
is detected
1
IHI
*2
R
IHI Signal Level
Indicates the current level of the IHI signal. A signal
source and phase inversion are selected for the IHI
signal depends on the contents of TCONRI. Read
this bit to determine whether the input signal is
positive or negative, then hold the IHI signal at
positive phase by modifying TCONRI.
0: The IHI signal is low
1: The IHI signal is high
0
IVI
*2
R
IVI Signal Level
Indicates the current level of the IVI signal. A signal
source and phase inversion are selected for the IVI
signal depends on the contents of TCONRI. Read
this bit to determine whether the input signal is
positive or negative, then hold the IVI signal at
positive phase by modifying TCONRI.
0: The IVI signal is low
1: The IVI signal is high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com