Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 415 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 411Page - Renesas Technology Corp H8S/2437 Datasheet HTML 412Page - Renesas Technology Corp H8S/2437 Datasheet HTML 413Page - Renesas Technology Corp H8S/2437 Datasheet HTML 414Page - Renesas Technology Corp H8S/2437 Datasheet HTML 415Page - Renesas Technology Corp H8S/2437 Datasheet HTML 416Page - Renesas Technology Corp H8S/2437 Datasheet HTML 417Page - Renesas Technology Corp H8S/2437 Datasheet HTML 418Page - Renesas Technology Corp H8S/2437 Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 746 page
background image
Rev. 1.00, 09/03, page 377 of 704
13.3.4
Edge Sense Register (SEDGR)
SEDGR detects a rising edge on the timer connection input pins and the occurrence of 2fH
modification, and determines the phase of the IVI and IHI signals.
Bit
Bit Name
Initial Value
R/W
Description
7
VEDG
0
R/(W)*
1
VSYNCI Edge
Detects a rising edge on the VSYNCI pin.
0: [Clearing condition]
When 0 is written to VEDG after reading VEDG = 1
1: [Setting condition]
When a rising edge is detected on the VSYNCI pin
6
HEDG
0
R/(W)*
1
HSYNCI Edge
Detects a rising edge on the HSYNCI pin.
0: [Clearing condition]
When 0 is written to HEDG after reading HEDG = 1
1: [Setting condition]
When a rising edge is detected on the HSYNCI pin
5
CEDG
0
R/(W)*
1
CSYNCI Edge
Detects a rising edge on the CSYNCI pin.
0: [Clearing condition]
When 0 is written to CEDG after reading CEDG = 1
1: [Setting condition]
When a rising edge is detected on the CSYNCI pin
4
HFEDG
0
R/(W)*
1
HFBACKI Edge
Detects a rising edge on the HFBACKI pin in
channel 0.
This bit is reserved in channel 1. This bit is always
read as 0 and cannot be modified.
0: [Clearing condition]
When 0 is written to HFEDG after reading HFEDG =
1
1: [Setting condition]
When a rising edge is detected on the HFBACKI pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com