Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 446 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 442Page - Renesas Technology Corp H8S/2437 Datasheet HTML 443Page - Renesas Technology Corp H8S/2437 Datasheet HTML 444Page - Renesas Technology Corp H8S/2437 Datasheet HTML 445Page - Renesas Technology Corp H8S/2437 Datasheet HTML 446Page - Renesas Technology Corp H8S/2437 Datasheet HTML 447Page - Renesas Technology Corp H8S/2437 Datasheet HTML 448Page - Renesas Technology Corp H8S/2437 Datasheet HTML 449Page - Renesas Technology Corp H8S/2437 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 746 page
background image
Rev. 1.00, 09/03, page 408 of 704
14.5.3
Count Start Timing for Duty Measurement
If a rising edge of the external event input is detected after the START bit in TWCR2 has been set
to 1, a count enable signal is set. At this time, if the TWCNT input clock exists, TWCNT starts
incrementing. Figure 14.5 shows the count start timing for duty measurement.
TWCNT
TWCNT
input clock
External signal
01
00
Count enable
signal
Internal clock
Figure 14.5 Count Start Timing for Duty Measurement
14.5.4
Capture Timing during Duty Measurement
When a falling edge of the external event signal is detected during duty measurement, the
TWCNT value is transferred to TWICR. Figure 14.6 shows the capture timing during duty
measurement.
TWCNT
Capture signal
External signal
N
N-1
TWICR
N
n
Figure 14.6 Input Capture Timing during Duty Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com