Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 448 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 444Page - Renesas Technology Corp H8S/2437 Datasheet HTML 445Page - Renesas Technology Corp H8S/2437 Datasheet HTML 446Page - Renesas Technology Corp H8S/2437 Datasheet HTML 447Page - Renesas Technology Corp H8S/2437 Datasheet HTML 448Page - Renesas Technology Corp H8S/2437 Datasheet HTML 449Page - Renesas Technology Corp H8S/2437 Datasheet HTML 450Page - Renesas Technology Corp H8S/2437 Datasheet HTML 451Page - Renesas Technology Corp H8S/2437 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 746 page
background image
Rev. 1.00, 09/03, page 410 of 704
14.5.7
Set Timing for Overflow Flag (OVF)
The overflow flag (OVF) in TWCR2 is set to 1 by the overflow signal which is output when
TCNT overflows from H
′FF to H′00. Figure 14.9 shows the OVF set timing.
OVF
Overflow signal
TWCNT
N'00
N'FF
Figure 14.9 Set Timing for OVF Flag
14.6
Interrupt Sources
The duty measurement circuit can request two interrupts: TWOVI and TWENDI. Table 14.2 lists
the sources and priorities of these interrupts. Each interrupt can be enabled or disabled by an
interrupt enable bit in TCR or TCSR. Independent signals are sent to the interrupt controller for
each interrupt.
Table 14.2
Interrupt Sources for Duty Measurement Circuit
Interrupt
Interrupt Source
Interrupt Flag
Priority
TWENDI
Duty measurement end
ENDF
High
TWOVI
TWCNT overflow
OVF
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com